Part Number Hot Search : 
BXXGA STK419 A5WEF ST62E60B BR154 BXXGA DS2119ME FC154
Product Description
Full Text Search
 

To Download KTD141507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2007. 5. 22 1/3 semiconductor technical data ktd1415 epitaxial planar npn transistor revision no : 1 high power switching applications. hammer driver, pulse motor driver applications. features high dc current gain : h fe =2000(min.) at v ce =3v, i c =3a. low saturation voltage : v ce(sat) =1.5v(max.) at i c =3a. maximum rating (ta=25 ) dim millimeters to-220is 0.76+0.09/-0.05 a b c d e f g 0.5+0.1/-0.05 h 1.2+0.25/-0.1 1.5+0.25/-0.1 j k l m n p q r f q 1 2 3 l p n b g j m d n h e r k l s 0.5 typ s d a c 2.70 0.3 + _ 12.0 0.3 + _ 13.6 0.5 + _ 3.7 0.2 + _ 3.2 0.2 + _ 10.0 0.3 + _ 15.0 0.3 + _ 3.0 0.3 + _ 4.5 0.2 + _ 2.54 0.1 + _ + 2.6 0.2 _ 6.8 0.1 + _ 1. base 2. collector 3. emitter electrical characteristics (ta=25 ) characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =100v, i e =0 - - 100 a emitter cut-off current i ebo v eb =5v, i c =0 - - 3.0 ma collector-emitter breakdown voltage v (br)ceo i c =50ma, i b =0 100 - - v dc current gain h fe (1) v ce =3v, i c =3a 2000 - 15000 h fe (2) v ce =3v, i c =7a 1000 - - collector-emitter saturation voltage v ce(sat) (1) i c =3a, i b =6ma - 0.9 1.5 v v ce(sat) (2) i c =7a, i b =14ma - 1.2 2.0 base-emitter saturation voltage v be(sat) i c =3a, i b =6ma - 1.5 2.5 v switching time turn-on time t on 15 ? cc v =45v duty cycle 1% i b2 b2 i =-i =6ma b1 b2 i i b1 20 s b1 i input output - 0.8 - s storage time t stg - 3.0 - fall time t f - 2.5 - characteristic symbol rating unit collector-base voltage v cbo 100 v collector-emitter voltage v ceo 100 v emitter-base voltage v ebo 5 v collector current i c 7 a base current i b 0.2 a collector power dissipation (tc=25 ) p c 30 w junction temperature t j 150 storage temperature range t stg -55 150 5k ? base collecto r emitter 150 ? ~ = ~ = equivalent circuit
2007. 5. 22 2/3 ktd1415 revision no : 1 ce(sat) collector-emitter saturation 0.3 1 voltage v (v) c 0 collector current i (a) 10 ce 8 6 410 2 collector-emitter voltage v (v) 0 ce(sat) v - i c 10 3 120 0.4 ce i - v c 0.3 dc current gain h fe 300 collector current i (a) 13 1030 c fe h - i c 2 4 6 8 12 common emitter tc=25 c 1.4 1.2 1.0 0.8 0.6 0.4 i =0.2ma b 0 12 0 collector-emitter voltage v (v) 210 468 ce 8 6 4 2 10 collector current i (a) 0 c c i - v ce tc=100 c common emitter 1.0 0.8 0.6 0.4 0 b i =0.2ma 12 0 collector-emitter voltage v (v) 210 468 ce 8 6 4 2 10 collector current i (a) 0 c c i - v ce common emitter tc=-50 c 4.0 3.5 3.0 2.5 2.0 1.5 1.0 b i =0.5ma 0 500 1000 3000 5000 10000 20000 common emitter v =3v ce tc=100 c 25 -50 c collector current i (a) 0.5 3 5 c i /i =500 common emitter b 5 3 0.5 voltage v (v) 1 base-emitter saturation be(sat) 0.4 20 13 10 c v - i be(sat) b common emitter i /i =500 c collector current i (a) c 10 tc=100 c 25 -50 -50 25 tc=100 c 5 5
2007. 5. 22 3/3 ktd1415 revision no : 1 th 10 transient thermal resistance 100 1 r ( c/w) c 0 collector current i (a) be 1.6 1.2 02.0 0.8 base-emitter voltage v (v) 0.4 th r - t w 1 0.1 0.01 10 0.001 pulse width t (sec) be i - v c 1 2 3 4 5 6 7 2.4 2.8 3.2 common emitter v =3v ce tc=100 c 25 -50 w 0.1 100 1000 curves should be applied in thermal limited area. (sigle nonrepetitive pulse) 1 infinite heat sink 2 no heat sink 1 2 safe operating area 5 3 1 0.5 0.3 0.1 0.05 collector current i (a) 0.03 c 3 collector-emitter voltage v (v) 10 1 30 100 ce 10 i max.(pulsed) c c i max. (continuous) dc operati o n tc=25 c 100 s 1ms 10 ms 100 m s v max. ceo single nonrepetitive pulse tc=25 c curves must be derated linearly with increase in temperature


▲Up To Search▲   

 
Price & Availability of KTD141507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X